Part Number Hot Search : 
11R0J 13374 KIA6278S ML6440CH SD01432G HIP8112A CEP9N25 1C101MDD
Product Description
Full Text Search
 

To Download SM1660D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM1620D THRU SM16100D
Elektronische Bauelemente
VOLTAGE 20V ~ 100V
16.0AMP Surface Mount Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
D2-Pack
+0.5 +0.3
10
4.5
+0.2
1.6
. Low forward voltage drop . High current capability . High reliability . High surge current capability . Epitaxial construction
MECHANICAL DATA
FEATURES
1.28
2.0Max
10
+0.5
1.2
+0.2
+ 0.2
0.8 5.08
0.1
0.4 2.7
+0.2
. Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Metallurgically bonded construction . Polarity: Color band denotes cathode end . Mounting position: Any . Weight: 1.60 grams
1 3
2
Common Cathode
Dimensions in millimeters
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, See Fig. 1
SM1620D
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
5.0
+0.3
20 20 20
SM1640D
SM1660D
40 40 40 16.0 150 0.55 0.3 45 700 3.0 -50 ~ +150 -65 ~ +175
60 60 60
SM16100D
100 100 100
UNITS V V V
A A 0.65 0.15 22.5 460 0.83 0.05 7.5 280 J V mA pF /W J J
Peak Forward Surge Current, 8.3 mS single half Sine-wave superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A Maximum DC Reverse Current Ta=25 J At Rated DC Blocking Voltage Ta=100 J Typical Junction Capacitance (Note 1) Typical Thermal Resistance RJC (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5" (12.7mm)2.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
SM1620D THRU SM16100D
Elektronische Bauelemente
VOLTAGE 20V ~ 100V
16.0AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SM1620D THRU SM16100D)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
12 10
50
INSTANTANEOUS FORWARD CURRENT,(A)
8
D 60 16 SM D~ 20 16 SM
SM
6 4 2 0 0 20 40 60 80
16 60 D SM
10 5.0
SM 1
62 0D ~S
M1 64 0D
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
250
0.1
PEAK FORWARD SURGE CURRENT,(A)
200
.01
.1
.3
.5
.7
SM
16 10 0
D
1 61 00D
.9
1.1
1.3
1.5
FORWARD VOLT AGE,(V)
150
Tj=25 C 8.3ms Single Half Sine Wave
0D
100
SM
SM 162 0D~ SM 164
JEDEC method
50
166 0
D~S M1 6 100 D
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
5 10 50 100
0 1
100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
2800 2400 2000 1600 1200
S M1
SM
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
162
0D ~S
M1
64 0
D
T j=25 C
800
SM16
660D
.1
400 0
100D
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SM1660D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X